PART |
Description |
Maker |
AT25DF02109 AT25DF021-SH-B AT25DF021-SH-T AT25DF02 |
IC FLASH MEM 2MB SPI SER 8UDFN 2M X 1 SPI BUS SERIAL EEPROM, DSO8 2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
|
Atmel, Corp. http:// 聚兴科技股份有限公司 ATMEL Corporation
|
S29GL128M10TAIR10 S29GL128M10TAFR93 S29GL128M10TAF |
8M X 16 FLASH 3V PROM, 100 ns, PDSO56 MO-142EC, TSOP-56 8M X 16 FLASH 3V PROM, 100 ns, PDSO56 TSOP-56 8M X 16 FLASH 3V PROM, 110 ns, PDSO56 LEAD FREE, MO-142EC, TSOP-56 8M X 16 FLASH 3V PROM, 100 ns, PDSO56 LEAD FREE, MO-142EC, TSOP-56 16M X 16 FLASH 3V PROM, 110 ns, PBGA64 18 X 12 MM, FORTIFIED, BGA-64 256 Megabit, 3.0 Volt-only Page Mode Flash Memory 16M X 16 FLASH 3V PROM, 110 ns, PBGA64 4M X 16 FLASH 3V PROM, 90 ns, PDSO56 4M X 16 FLASH 3V PROM, 100 ns, PDSO48 4M X 16 FLASH 3V PROM, 90 ns, PDSO48 2M X 16 FLASH 3V PROM, 110 ns, PBGA64
|
Spansion, Inc. SPANSION LLC
|
AM29LV800BT-80DTC2 AM29LV800BT-80DGI2 AM29LV800BT- |
25NS,OTP CERDIP,883C; LEV B FULLY CMPLNT(EPLD) 20NS, OTP, PLCC, COM TEMP(EPLD) 20NS, SOIC, IND TEMP(EPLD) 25NS, SOIC, COM TEMP(EPLD) 20NS,OTP LCC,883C; LEVEL B FULLY CMPLNT(EPLD) 10MHZ, 8 DIP, COM TEMP(FPGA) 10MHZ, 20 PLCC, IND TEMP(FPGA) 10MHZ, 32 TQFP, COM TEMP(FPGA) 10MHZ, 44 PLCC, COM TEMP(FPGA) 30MHZ, 3.3V, 20 PLCC, COM TEMP(FPGA) 8 TSSOP,PB/HALO FREE,IND,1.8V(SERIAL EE) DIE SALE, 1.8V, 11 MIL(SERIAL EE) 8 PDIP,PB/HALO FREE,IND TEMP,1.8V(SERIAL EE) 65K CONFIG MEM, 20 PLCC, IND TEMP(FPGA) 10MHZ, 20 SOIC, IND TEMP(FPGA) 128K CONFIG MEM, 20 PLCC, COM(FPGA) EEPROM EEPROM 10MHZ, 8 NSOIC, COM TEMP(FPGA) EEPROM 512K X 16 FLASH 3V PROM, 120 ns, UUC44 10MHZ, 8 LAP, 5K MOQ(FPGA) 10MHZ, 8 N-SOIC, COM TEMP(FPGA) 10MHZ, 20 PLCC, COM TEMP(FPGA) 512K X 16 FLASH 3V PROM, 80 ns, UUC44
|
ADVANCED MICRO DEVICES INC
|
AS8FLC1M32BQT-90_IT AS8FLC1M32BQT-90_Q AS8FLC1M32B |
Hermetic, Multi-Chip Module (MCM) 32Mb, 1M x 32, 3.0Volt Boot Block FLASH Array 1M X 32 FLASH 3V PROM, 70 ns, CPGA66 HIP-66 1M X 32 FLASH 3V PROM, 100 ns, CQFP68
|
http:// Austin Semiconductor, Inc MICROSS COMPONENTS
|
MB84VB2000-10 MB84VB2001 MB84VB2001-10 |
PT 8C 8#20 PIN RECP 1M X 8 FLASH 3V PROM, 100 ns, PBGA48 8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
|
Fujitsu, Ltd. Fujitsu Component Limited.
|
C8051F130 |
100 MIPS, 128 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
C8051F122 |
100 MIPS, 128 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
S29GL032M10BACR00 S29GL032M10BACR12 S29GL032M10BAC |
CAP 15PF 100V 5% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR TERM BLOCK 3.5MM HOR 6POS PCB Ceramic Capacitor Sample Kit, High CV MirrorBit闪存系列 MirrorBit Flash Family MirrorBit闪存系列 FLEX CONNECTOR, 10 POSN., SMT, VERTICAL, W/EXT.SLIDER, ZIF, T&R RoHS Compliant: Yes MirrorBit闪存系列 Tantalum Capacitor; Capacitance:470uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:6V; Package/Case:7343-43; Terminal Type:PCB SMT; ESR:0.001ohm; Leaded Process Compatible:No; Packaging:Cut Tape MirrorBit闪存系列 Replaced by PTB48520W : MirrorBit闪存系列 MirrorBit Flash Family 2M X 16 FLASH 3V PROM, 100 ns, PBGA64 MirrorBit Flash Family 2M X 16 FLASH 3V PROM, 100 ns, PBGA48 CAP D POLYMER TANT 330UF 4V 20%
|
ETC Spansion Inc. Spansion, Inc.
|
DA28F320J5-100 E28F320J5-100 |
4M X 8 FLASH 5V PROM, 100 ns, PDSO56 16 X 23.70 MM, SSOP-56 4M X 8 FLASH 5V PROM, 100 ns, PDSO56 14 X 20 MM, TSOP-56
|
Intel, Corp.
|
HY29LV160TT-12 HY29LV160TF-12 HY29LV160TT-70 HY29L |
16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PDSO48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PBGA48 Circular Connector; No. of Contacts:55; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:22-55
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
M29W004T-100N5TR M29W004B-90N5TR M29W004B-120N5TR |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:30; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Excalibur High-Speed JFET-Input Dual Operational Amplifier 8-SOIC PT02A SERIES (MS3112) GENERAL DUTY BOX MOUNT RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 16 SHELL SIZE, 16-8 INSERT ARRANGEMENT, RECEPTACLE GENDER, 8 CONTACTS Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:16-26 Switch Mode Power Supply; Series:ZWS; Output Voltage:12VDC; Output Power Max:30W; Output Current:2.5A; Number of Outputs:1; Leaded Process Compatible:No; Approval Bodies:UL, CSA, CE; Peak Reflow Compatible (260 C):No 4 Mbit 512Kb x8 / Boot Block Low Voltage Single Supply Flash Memory 4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory 4兆位512KB的8,启动块低压单电源闪 512K X 8 FLASH 3V PROM, 90 ns, PDSO40 512K X 8 FLASH 2.7V PROM, 100 ns, PDSO40
|
意法半导 ST Microelectronics STMicroelectronics N.V.
|
AM29F032B-75 AM29F032B-90EF |
32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:32Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 4M X 8 FLASH 5V PROM, 90 ns, PDSO40
|
Spansion, Inc.
|
|